Part Number Hot Search : 
1N5938B MV1640 3PMT40 BU4528B BT8110 CXX0G 2N3700 D8089
Product Description
Full Text Search
 

To Download REF01HN8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REF-01/REF-02 Precision Voltage References
FEATURES

DESCRIPTIO
Trimmed Output 0.3% Low Drift--5ppm/C Typ Low Noise--3ppm(P-P) High Line Rejection Temperature Output--REF-02 Low Supply Current 1.4mA Max
APPLICATIO S

The REF-01/REF-02 are precision 10V and 5V bandgap references which provide stable output voltages over a wide range of operating conditions. Output voltage is accurate to 0.3% with a low 5ppm/C typical temperature coefficient. The REF-01 and REF-02 are excellent choices for applications where low drift, moderate accuracy, low power consumption and low cost are considerations. The REF-02 includes a temperature output pin which provides a linear voltage proportional to absolute temperature. For lower drift and higher accuracy references, please see the LT1019 and LT1021 data sheets.
, LTC and LT are registered trademarks of Linear Technology Corporation.
A/D and D/A Converters Precision Regulators Constant Current Sources V/F Converters Bridge Excitation
TYPICAL APPLICATIO
Ultra Linear Strain Gauge Amplifier
15V 412* 1/2W REF-02 OUT GND 5V 350 BRIDGE A1 LT307 R2 20k R4 20k R3 2M
Output Voltage Temperature Drift
1.003
OUTPUT VOLTAGE (NORMALIZED)
*REDUCES REFERENCE AND AMPLIFIER LOADING. **IF R6 = R3, BRIDGE IS NOT LOADED BY R2 AND R4. A1 VOS AND DRIFT ARE NOT CRITICAL.
-
+
IN
-
A2 LT1001 GAIN = 100
+
R6 2M**
TA01a
ACTIVE ELEMENT
R5 2M
-5V 357* 1/2W -15V
U
1.002 1.001 1.000 0.999 0.998 FULL TEMP RANGE BOX GUARANTEED FOR REF-01A AND REF-02A (8.5ppm/C) 50 25 75 0 TEMPERATURE (C) 100 125
TA01b
U
U
0C TO 70C BOX GUARANTEED FOR REF-01E AND REF-02E (8.5ppm/C)
0.997 -50 -25
1
REF-01/REF-02
ABSOLUTE
AXI U RATI GS
REF-01/REF-02 A, E, H ............................................ 40V REF-01C/REF-02C ................................................... 30V Power Dissipation .............................................. 500mW Output Short-Circuit Duration To Ground ................................................... Indefinite To VIN 16V ............................................... Indefinite To VIN > 16V ............................................Not Allowed
PACKAGE/ORDER I FOR ATIO
TOP VIEW NC* 8 NC* 1 INPUT 2 TEMP** 3 7 NC* 6 OUTPUT 5 TRIM 4
ORDER PART NUMBER REF01AH REF01H REF01EH REF01HH REF01CH REF02AH REF02H REF02EH REF02HH REF02CH REF02DH
GND (CASE) H PACKAGE 8-LEAD TO-5 METAL CAN TJMAX = 150C, JA = 150C/W, JC = 45C/W *INTERNALLY CONNECTED. DO NOT CONNECT EXTERNALLY. **DO NOT CONNECT ON REF-01
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VO Output Voltage Output Adjustment Range enP-P VIN VOUT VIN VOUT IOUT IQ IOUT ISC VT Output Voltage Noise Input Voltage Range Line Regulation (Note 2) Load Regulation (Note 2) Quiescent Supply Current Load Current Sink Current Short-Circuit Current Temperature Voltage Output VO = 0V (Note 3) (VOUT + 3V) VIN 33V IL = 0mA to 10mA No Load CONDITIONS IL = 0mA RP = 10k
VIN = 15V, TA = 25C unless otherwise noted.
REF-01A/E, REF-02A/E MIN TYP MAX REF-01 REF-02 REF-01 REF-02 9.97 4.985 3 3 10 5 5, -27 5, -13 20 10 12 7 0.0001 REF-01 REF-02 10 -0.3 REF-02 Only 0.0005 0.0010 0.65 20 -20 25 620 40 40 0.010 0.008 0.010 1.4 10 -0.3 12 7 0.0001 0.0005 0.001 0.65 20 -20 25 620 10.03 5.015 REF-01H, REF-02H MIN TYP MAX 9.95 4.975 3 3 10 5 5, -27 5, -13 20 10 40 40 0.010 0.010 0.010 1.4 10.05 5.025 UNITS V V % % VP-P VP-P V V %/V %/mA %/mA mA mA mA mA mV
0.1Hz to 10Hz (Note 7) REF-01 REF-02 REF-01 REF-02
2
U
U
W
WW U
W
(Note 1)
Storage Temperature Range ................. - 65C to 150C Operating Temperature REF-01/REF-02, REF-01A/REF-02A ...-55C to 125C REF-01E/REF-02E, REF-01H/REF-02H, REF-01C/REF-02C, REF-01D/REF-02D .... 0C to 70C Lead Temperature (Soldering, 10 sec).................. 300C
TOP VIEW NC* 1 INPUT 2 TEMP** 3 GND 4 8 7 6 5 NC* NC* OUTPUT TRIM
ORDER PART NUMBER REF01EN8 REF01HN8 REF01CN8 REF01EJ8 REF01HJ8 REF01CJ8 REF02EN8 REF02HN8 REF02CN8 REF02DN8 REF02EJ8 REF02HJ8 REF02CJ8 REF02DJ8
N8 PACKAGE 8-LEAD PDIP TJMAX = 100C, JA = 130C/W *INTERNALLY CONNECTED. DO NOT CONNECT EXTERNALLY. **DO NOT CONNECT ON REF-01 J8 PACKAGE 8-LEAD CERDIP TJMAX = 150C, JA = 100C/W
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
REF-01/REF-02
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER VO Output Voltage Output Adjustment Range enP-P VOUT VIN VOUT IOUT IQ IOUT ISC VT Output Voltage Noise Line Regulation (Note 2) Load Regulation (Note 2) Quiescent Supply Current Load Current Sink Current Short-Circuit Current Temperature Voltage Output VO = 0V (Note 3) CONDITIONS IL = 0mA RP = 10k
VIN = 15V, TA = 25C unless otherwise noted.
REF-01C, REF-02C MIN TYP MAX REF-01 REF-02 REF-01 REF-02 9.9 4.95 2.7 10 5 5, -27 5, -13 30 12 0.0001 0.0005 0.65 8 -0.2 REF-02 Only 20 20 25 620 0.015 0.015 0.001 1.6 8 -0.2 0.65 20 20 25 620 0.04 2 10.1 5.05 MIN 4.9 2 REF-02D TYP 5 5, -13 12 0.0001 0.04 MAX 5.1 UNITS V V % % VP-P VP-P %/V %/mA %/mA mA mA mA mA mV
0.1Hz to 10Hz (Note 7) REF-01 REF-02 (VOUT + 3V) VIN 33V IL = 0mA to 8mA IL = 0mA to 4mA No Load
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 15V, -55C TA 125C for REF-01A/REF-02A and REF-01/REF-02, 0C TA 70C for REF-01E/REF-02E and REF-01H/REF-02H, IL = 0mA unless otherwise noted.
SYMBOL PARAMETER V T TC Output Voltage Change with Temperature (Notes 4, 5) Output Voltage Temperature Coefficient Change in VO Temperature Coefficient with Output Adjustment VOUT VIN VOUT IOUT Line Regulation (VOUT + 3V) VIN 33V (Note 2) Load Regulation (IL = 0mA to 8mA) (Note 2) Temperature Voltage Output Temperature Coefficient CONDITIONS 0C TA 70C -55C TA 125C (Note 6) RP = 10k

REF-01A/E, REF-02A/E MIN TYP MAX 0.02 0.09 5 0.5 0.06 0.15 8.5
REF-01H/REF-02H MIN TYP MAX 0.035 0.144 8 0.5 0.17 0.45 25
UNITS % % ppm/C ppm/%
0C TA 70C -55C TA 125C 0C TA 70C -55C TA 125C (Note 3) REF-02

0.0001 0.0001 0.002 0.002 2.1
0.012 0.015 0.010 0.012
0.0001 0.0001 0.002 0.002 2.1
0.012 0.015 0.012 0.015
%/V %/V %/mA %/mA mV/C
3
REF-01/REF-02
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 15V, 0C TA 70C and IL = 0mA unless otherwise noted.
REF-01C, REF-02C MIN TYP MAX

ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER V T TC Output Voltage Change with Temperature Output Voltage Temperature Coefficient Change in VO Temperature Coefficient with Output Adjustment VOUT VIN VOUT IOUT Line Regulation (Note 2) Load Regulation (Note 2) Temperature Voltage Output Temperature Coefficient CONDITIONS (Notes 4, 5) (Note 6) RP = 10k
MIN
REF-02D TYP
MAX 1.7
UNITS % ppm/C ppm/%
0.45 8 0.5 65 8 0.5
250
VIN = 8V to 30V IL = 0mA to 5mA (Note 3) REF-02

0.0001 0.002 2.1
0.018 0.018
0.0001 0.002 2.1
0.05 0.05
%/V %/mA mV/C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Line and load regulation specifications include the effect of self heating. Note 3: Limit current in or out of Pin 3 to 50nA and capacitance on Pin 3 to 30pF. Note 4: V is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as a percentage of nominal output.
-V V V = MAX MIN *100 VOUT
Note 5: V specification applies trimmed or untrimmed. Note 6: TC is defined as V divided by the temperature range, i.e.,
V TMAX TMIN Note 7: 0.1Hz to 10Hz noise cannot be 100% tested on modern high speed test equipment, so Linear Technology does not put a guaranteed maximum specification on this parameter for standard units. 100% bench testing of 0.1Hz to 10Hz noise is available on special request. To ensure low output noise, Linear Technology does 100% test 10Hz to 1kHz noise. Consult factory for details. TC =
4
REF-01/REF-02
PACKAGE DESCRIPTIO
SEATING PLANE 0.010 - 0.045* (0.254 - 1.143) 0.016 - 0.021** (0.406 - 0.533)
45TYP 0.028 - 0.034 (0.711 - 0.864)
0.110 - 0.160 (2.794 - 4.064) INSULATING STANDOFF *LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND 0.045" BELOW THE REFERENCE PLANE 0.016 - 0.024 **FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS (0.406 - 0.610)
U
H Package 8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)
0.335 - 0.370 (8.509 - 9.398) DIA 0.305 - 0.335 (7.747 - 8.509) 0.040 (1.016) MAX 0.050 (1.270) MAX GAUGE PLANE 0.165 - 0.185 (4.191 - 4.699) REFERENCE PLANE 0.500 - 0.750 (12.700 - 19.050) 0.027 - 0.045 (0.686 - 1.143) PIN 1 0.230 (5.842) TYP
H8 (TO-5) 0.230 PCD 1197
OBSOLETE PACKAGE
5
REF-01/REF-02
PACKAGE DESCRIPTIO
CORNER LEADS OPTION (4 PLCS)
0.045 - 0.068 (1.143 - 1.727) FULL LEAD OPTION 0.300 BSC (0.762 BSC)
0.008 - 0.018 (0.203 - 0.457)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS
6
U
J8 Package 8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
0.005 (0.127) MIN 0.405 (10.287) MAX 8 7 6 5 0.023 - 0.045 (0.584 - 1.143) HALF LEAD OPTION 0.025 (0.635) RAD TYP 1 2 3 0.220 - 0.310 (5.588 - 7.874) 4 0.200 (5.080) MAX 0.015 - 0.060 (0.381 - 1.524) 0 - 15 0.045 - 0.065 (1.143 - 1.651) 0.014 - 0.026 (0.360 - 0.660) 0.100 (2.54) BSC 0.125 3.175 MIN
J8 1298
OBSOLETE PACKAGE
REF-01/REF-02
PACKAGE DESCRIPTIO
0.300 - 0.325 (7.620 - 8.255)
0.009 - 0.015 (0.229 - 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of circuits as described herein will not infringe on existing patent rights.
U
N8 Package 8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5 0.255 0.015* (6.477 0.381) 1 2 3 4 0.045 - 0.065 (1.143 - 1.651) 0.130 0.005 (3.302 0.127) 0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076)
N8 1098
0.100 (2.54) BSC
7
REF-01/REF-02
RELATED PARTS
PART NUMBER LT1019 DESCRIPTION 0.05%, 5ppm/C Precision Reference COMMENTS Pin Compatible with the REF-01, REF-02, Improved Specs
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
ref012fc LT/CP 0901 1.5K REV C * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1991


▲Up To Search▲   

 
Price & Availability of REF01HN8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X